| データシートサーチシステム |
|
2103 データシート(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2103 データシート(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 17 page ![]() Type 8692 13 | 17 Visit product website 6.2. Interface diagram Version without fieldbus communication Input for position setpoint 4-20mA, 0-20 mA 0-10 V, 0-5 V Digital input Operation Positioner Analogue feedback + 2 digital outputs2.) Analogue feedback2.) 4-20 mA, 0-20 mA, 0-10 V, 0-5 V2.) 24 V DC1.) Communication interface Version with fieldbus communication With PROFIBUS DP, EtherNet/IP, PROFINET, Modbus TCP and Bürkert system bus (büS) Bus Operation Positioner PROFIBUS DP EtherNet/IP PROFINET Modbus TCP büS Bus 24 V DC1.) Communication interface 1.) The operating voltage is supplied with a 3-wire unit independent from the setpoint signal 2.) Alternative options |