| データシートサーチシステム |
|
00772425 データシート(PDF) 16 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
00772425 データシート(HTML) 16 Page - Christian Bürkert GmbH & Co. KG |
|
16 / 42 page ![]() Type büS Getting to know the büS topologies 16 5.3.3 Star topology A star topology is used to interconnect devices when space is limited and a setup with a daisy chain topo- logy is not possible. Stub Junction box Device 3 Device 1 Device n Device 2 Fig. 11: Star topology 5.4 Which topologies are NOT recommended? The topologies in this chapter are possible, but various criteria have to be observed to ensure the network works properly. 5.4.1 Tree topology For signal quality, it is not recommended to use a tree topology. Cascading of the passive junction boxes is restricted to three. If more devices are needed, it is necessary to interconnect the trunk lines of the passive junction boxes and to not cascade more than three devices. Otherwise, the maximum stub line length is ex- ceeded and errors may occur. Stub Junction box 1 Device 3 Device 1 Device n Device 2 Junction box 2 Junction box n Fig. 12: Tree topology |