| データシートサーチシステム |
|
HCS410-IP データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS410-IP データシート(HTML) 26 Page - Microchip Technology |
|
26 / 36 page ![]() HCS410 DS40158E-page 26 Preliminary 2001 Microchip Technology Inc. 4.4 IFF Decoder Operation In a typical IFF decoder, the key generation on the decoder side is done by reading the serial number from a token and combining that with the manufacturer’s code to recreate the encoder key that is stored on the token. The decoder polls for the presence of a token. Once detected the decoder reads the serial number. If the token has been learned, the decoder sends a chal- lenge and reads the token’s response. The decoder uses the encoder key stored in EEPROM and decrypt response. The decrypt response is compared to the challenge. If they match the appropriate output is acti- vated. FIGURE 4-7: TYPICAL IFF DECODER OPERATION FIGURE 4-8: BASIC OPERATION OF AN IFF RECEIVER (DECODER) Start Token Detected? Read Serial Does Serial Number Match? Send Challenge and Read Decrypt the Response Does Challenge & Match? Execute Command No No No Yes Yes Yes Response Number Decrypt response IFF Key Serial Number KEELOQ IFF Algorithm Decrypted EEPROM Array Manufacturer Code Serial Number Response Check for Match Response Written to HCS410 Challenge Information read from HCS410 |