| データシートサーチシステム |
|
PLC データシート(PDF) 6 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
PLC データシート(HTML) 6 Page - Christian Bürkert GmbH & Co. KG |
|
6 / 11 page ![]() Type 8412 6 | 11 Visit product website 4. Dimensions Note: Dimensions in mm 1.) The total height is increased by the height of the used female connector and cable. M12 x 1 Ø 27 G ½" Ø 6 27 27 NPT ½"-14 Ø 6 M12 x 1 Ø 27 Ø 25 Ø 20.2 M12 x 1 Ø 27 Ø 6 G ½" according to EN 837 NPT ½" according to EN 837 Process connection: Clamp ¾" according to DIN 32676 series B L 25 30 50 100 150 |