データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B41889 データシート(PDF) 13 Page - EPCOS

部品番号 B41889
部品情報  General-purpose grade capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B41889 データシート(HTML) 13 Page - EPCOS

Back Button B41889 Datasheet HTML 9Page - EPCOS B41889 Datasheet HTML 10Page - EPCOS B41889 Datasheet HTML 11Page - EPCOS B41889 Datasheet HTML 12Page - EPCOS B41889 Datasheet HTML 13Page - EPCOS B41889 Datasheet HTML 14Page - EPCOS B41889 Datasheet HTML 15Page - EPCOS B41889 Datasheet HTML 16Page - EPCOS B41889 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Kinked or cut leads
Single-ended capacitors are available with kinked or cut leads. Other lead configurations also
available upon request.
Kinked leads
Last 3 digits of ordering code: 001
With stand-off rubber seal
Case size
Dimensions (mm)
d
× l (mm)
a
±0.5
10
× 20
5.0
12.5
× 20
5.0
12.5
× 25
5.0
12.5
× 30
5.0
12.5
× 35
5.0
12.5
× 40
5.0
16
× 20
7.5
16
× 25
7.5
16
× 31.5
7.5
18
× 20
7.5
18
× 25
7.5
18
× 31.5
7.5
18
× 35
7.5
18
× 40
7.5
20
× 20
10.0
20
× 25
10.0
20
× 40
10.0
22
× 30
10.0
22
× 35
10.0
22
× 40
10.0
With flat rubber seal
B41889
Very low impedance
105
°C
Page 13 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23