データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7263 データシート(PDF) 31 Page - OSRAM GmbH

部品番号 AS7263
部品情報  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 データシート(HTML) 31 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 27Page - OSRAM GmbH AS7263 Datasheet HTML 28Page - OSRAM GmbH AS7263 Datasheet HTML 29Page - OSRAM GmbH AS7263 Datasheet HTML 30Page - OSRAM GmbH AS7263 Datasheet HTML 31Page - OSRAM GmbH AS7263 Datasheet HTML 32Page - OSRAM GmbH AS7263 Datasheet HTML 33Page - OSRAM GmbH AS7263 Datasheet HTML 34Page - OSRAM GmbH AS7263 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Page 30
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
In the Figure below, numeric values may be specified with no
leading prefix, in which case they will be interpreted as
decimals, or with a leading “0x” to indicate that they are
hexadecimal numbers, or with a leading “‘b” to indicate that
they are binary numbers. The commands are loosely grouped
into functional areas. Texts appearing between angle brackets
(‘<‘ and ‘>‘) are commands or response arguments. A carriage
return character, a linefeed character, or both may terminate
commands and responses. Note that any command that
encounters an error will generate the “ERROR” response shown,
for example, in the NOP command at the top of the first table,
but has been omitted elsewhere in the interest of readability
and clarity.
Figure 33:
AT Commands
Command
Response
Description / Parameters
Spectral Data per Channel
ATDATA
<R_value>,
<S_value>,
<T_value>,
<U_value>,
<V_value>,
<W_value> OK
Read R, S, T, U, V & W data. Returns comma-separated 16-bit
integers.
ATCDATA
<Cal_R_value>,
<Cal_S_value>,
<Cal_T_value>,
<Cal_U_value>,
<Cal_V_value>,
<Cal_W_value> OK
Read calibrated R, S, T, U, V & W data. Returns comma-separated
32-bit floating point values.
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range [1...
255], with
integration time = <value> * 2.8ms.
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8ms.
ATGAIN=<value>
OK
Set sensor gain: 0=1X, 1=3.7x, 2=16x, 3=64x.
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in degree Celsius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46