| データシートサーチシステム |
|
AS7331 データシート(PDF) 65 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7331 データシート(HTML) 65 Page - OSRAM GmbH |
|
65 / 72 page ![]() Document Feedback AS7331 Package Drawings and Markings Datasheet • PUBLIC DS001047 • v4-00 • 2023-Mar-24 71 │ 64 10 Package Drawings and Markings Figure 59: AS7331 OLGA16 Package Outline Drawing (1) All dimensions are in millimeters and angles are in degrees. (2) Dimensions and tolerances conform to ASME Y14.5M-1994. (3) N is the total number of terminals. (4) This package contains no lead (Pb). (5) This drawing is subject to change without notice. |