| データシートサーチシステム |
|
AS7341L データシート(PDF) 45 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7341L データシート(HTML) 45 Page - OSRAM GmbH |
|
45 / 65 page ![]() Document Feedback AS7341L Register Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 44 Addr: 0xA3 STATUS 2 Bit Bit Name Default Access Bit Description 3 ASAT_ANALOG 0 R Analog Saturation. Indicates that the intensity of ambient light has exceeded the maximum integration level for the spectral analog circuit. 2:0 reserved 0 R reserved STATUS 3 Register (Address 0xA4) Figure 62: STATUS 3 Register Addr: 0xA4 STATUS 3 Bit Bit Name Default Access Bit Description 7:6 reserved 0 reserved 5 INT_SP_H 0 R Spectral Interrupt High. Indicates that a spectral interrupt occurred because the data exceeded the high threshold. 4 INT_SP_L 0 R Spectral Interrupt Low. Indicates that a spectral interrupt occurred because the data is below the low threshold. 3:0 reserved 0 reserved STATUS 5 Register (Address 0xA6) Figure 63: STATUS 5 Register Addr: 0xA6 STATUS 5 Bit Bit Name Default Access Bit Description 7:3 reserved 0 reserved 2 SINT_SMUX 0 R SMUX Operation Interrupt. Indicates that SMUX command execution has finished. 1:0 reserved 0 reserved |