データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7343L データシート(PDF) 52 Page - OSRAM GmbH

部品番号 AS7343L
部品情報  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L データシート(HTML) 52 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 45Page - OSRAM GmbH AS7343L Datasheet HTML 46Page - OSRAM GmbH AS7343L Datasheet HTML 47Page - OSRAM GmbH AS7343L Datasheet HTML 48Page - OSRAM GmbH AS7343L Datasheet HTML 49Page - OSRAM GmbH AS7343L Datasheet HTML 50Page - OSRAM GmbH AS7343L Datasheet HTML 51Page - OSRAM GmbH AS7343L Datasheet HTML 52Page - OSRAM GmbH AS7343L Datasheet HTML 53Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Document Feedback
AS7343L
Revision Information
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 51
15
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams-OSRAM AG standard
warranty as given in the General Terms of Trade, but these products have
been superseded and should not be used for new designs
Changes from previous version to current revision v2-00
Page
Document security class is updated to
“Public” in the footer
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53