| データシートサーチシステム |
|
TCS34005FN データシート(PDF) 22 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34005FN データシート(HTML) 22 Page - OSRAM GmbH |
|
22 / 35 page ![]() Datasheet, Public Page 21 [v2-00] 2023-Feb-09 Document Feedback TCS3400 − Register Description RGBC Data Registers (0x94 - 0x9B) Clear, red, green, and blue data is stored as 16-bit values. The read sequence must read byte pairs (low followed by high) starting on an even address boundary (0x94, 0x96, 0x98, or 0x9A) inside the RGBC Data Register block. When the lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent read to the upper byte. The upper register will read the correct value even if additional ADC integration cycles end between the reading of the lower and upper registers. Figure 31: RGBC Data Registers Register Address Bits Description CDATAL 0x94 7:0 Clear / IR data low byte CDATAH 0x95 7:0 Clear / IR data high byte RDATAL 0x96 7:0 Red data low byte RDATAH 0x97 7:0 Red data high byte GDATAL 0x98 7:0 Green data low byte GDATAH 0x99 7:0 Green data high byte BDATAL 0x9A 7:0 Blue data low byte BDATAH 0x9B 7:0 Blue data high byte |