| データシートサーチシステム |
|
TCS37203M データシート(PDF) 32 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37203M データシート(HTML) 32 Page - OSRAM GmbH |
|
32 / 88 page ![]() Datasheet, Public Page 31 [v5-00] 2023-Nov-27 Document Feedback TCS3720 − Register Overview PIHTL Register (Address 0x8A) Figure 36: PIHTL Register PIHTH Register (Address 0x8B) Figure 37: PIHTH Register The contents of the PIHTH and PIHTL registers are combined and treated as a fourteen (14) bit threshold high value. If the value generated by the proximity ADC (PDATA) is above the PIHTL/H threshold and the PPERS value is reached, then the high proximity threshold is breached. When setting the 14-bit proximity threshold, PIHTL must be written first, immediately follow by PIHTH. Internally, the lower 8 bits are buffered until the upper 8 bits are written. As the upper 8 bits are written both the high and low bytes are simultaneously latched as a 14-bit value. If Automatic Pulse Control (APC) is disabled by setting bit 6 in CFG6 to 1, then the proximity data converts to a 10-bit value. PIHTL contains an 8-bit threshold which is compared against the upper 8 bits of the 10-bit value. PIHTH is ignored. Addr: 0x8A PIHTL Bit Bit Name Default Access Bit Description 7:0 PIHTL 0x00 RW This register contains the low byte of the 14-bit proximity HIGH threshold when APC is enabled. If APC is disabled, this register contains the HIGH threshold which is an 8-bit value which is compared against the upper 8 bits of the 10-bit proximity value. Addr: 0x8B PIHTH Bit Bit Name Default Access Bit Description 7:6 Reserved 00 RW Reserved. Must be set to default value. 5:0 PIHTH 000000 RW This register contains the upper 6 bits of the 14-bit proximity HIGH threshold when APC is enabled. If APC is disabled, this register is ignored. |