データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCS37717FN データシート(PDF) 12 Page - OSRAM GmbH

部品番号 TCS37717FN
部品情報  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37717FN データシート(HTML) 12 Page - OSRAM GmbH

Back Button TCS37717FN Datasheet HTML 8Page - OSRAM GmbH TCS37717FN Datasheet HTML 9Page - OSRAM GmbH TCS37717FN Datasheet HTML 10Page - OSRAM GmbH TCS37717FN Datasheet HTML 11Page - OSRAM GmbH TCS37717FN Datasheet HTML 12Page - OSRAM GmbH TCS37717FN Datasheet HTML 13Page - OSRAM GmbH TCS37717FN Datasheet HTML 14Page - OSRAM GmbH TCS37717FN Datasheet HTML 15Page - OSRAM GmbH TCS37717FN Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
ams Datasheet
Page 11
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Electrical Characteristics
Figure 12:
AC Electrical Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Symbol
Parameter (1)
Test
Conditions
Min
Typ
Max
Unit
f(SCL)
Clock frequency (I2C only)
0400
kHz
t(BUF)
Bus free time between start and stop
condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start
condition. After this period, the first
clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49