| データシートサーチシステム |
|
TCS37725FN データシート(PDF) 33 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37725FN データシート(HTML) 33 Page - OSRAM GmbH |
|
33 / 51 page ![]() Page 32 ams Datasheet Document Feedback [v1-01] 2018-Mar-14 TCS3772 − Register Description Persistence Filter Register (0x0C) The PERSISTENCE FILTER register controls the filtering interrupt capabilities of the device. Configurable filtering is provided to allow interrupts to be generated after each integration cycle or if the integration has produced a result that is outside of the values specified by the threshold register for some specified amount of time. Separate filtering is provided for proximity and the clear channel. Figure 39: Persistence Filter Register 7 6 543 2 1 0 PPERS APERS Field Bits Description PPERS 7:4 Proximity interrupt persistence. Controls rate of proximity interrupt to the host processor. FIELD VALUE INTERRUPT PERSISTENCE FUNCTION 0000 Every proximity cycle generates an interrupt 0001 1 proximity value out of range 0010 2 consecutive proximity values out of range ... ... 1111 15 consecutive proximity values out of range |