データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCS37725 データシート(PDF) 39 Page - OSRAM GmbH

部品番号 TCS37725
部品情報  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725 データシート(HTML) 39 Page - OSRAM GmbH

Back Button TCS37725 Datasheet HTML 35Page - OSRAM GmbH TCS37725 Datasheet HTML 36Page - OSRAM GmbH TCS37725 Datasheet HTML 37Page - OSRAM GmbH TCS37725 Datasheet HTML 38Page - OSRAM GmbH TCS37725 Datasheet HTML 39Page - OSRAM GmbH TCS37725 Datasheet HTML 40Page - OSRAM GmbH TCS37725 Datasheet HTML 41Page - OSRAM GmbH TCS37725 Datasheet HTML 42Page - OSRAM GmbH TCS37725 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Application Information: Hardware
Figure 48:
Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I²C bus voltage which is
either VDD or 1.8 V. Be sure to apply the specified I²C bus voltage
shown in the Available Options table for the specific device
being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams EVM running at 400 kbit/s, uses 1.5-k
Ω
resistors. A 10-k
Ω pull-up resistor (RPI) can be used for the
interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51