データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3003 データシート(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

部品番号 3003
部品情報  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURKERT [Christian Bürkert GmbH & Co. KG]
ホームページ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 データシート(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Type 2651
Flange
5 | 12
Visit product website 
DN 125…DN 200
No. Element
Quantity Material
1
Body
1
1.4408
2
Body II (DN 15…DN 100),
End cap (DN 125…DN 200)
1
1.4408
3
Ball
1
1.4401
4
Ball seal
2
PTFE reinforced
5
Body seal
1
PTFE
6
Stem
1
1.4401
7
Bearing
1
PTFE reinforced
8
Stem packing
1 Set
PTFE / PTFE conductive
9
Thrust washer
1
1.4401
10 Spring
2
1.4310
11 Stem nut
1
A2 - 70
12 Lock washer
1
1.4301
13 Hex bolt
1
1.4308
14 Anti-static-ball
1
A4 - 70 (DN 15…DN 100), A2 - 70 (DN 125…DN 200)
15 Manual lever
1
1.4301 (with plastic cover) (DN 15…DN 100), 14308 (DN 125…DN 200)
16 Stop plate
1
1.4401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12