| データシートサーチシステム |
|
3003 データシート(PDF) 7 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3003 データシート(HTML) 7 Page - Christian Bürkert GmbH & Co. KG |
|
7 / 11 page ![]() Type 2654 Hygienic 7 | 11 Visit product website 4.2. DIN 11850 R2 variant Note: Dimensions in mm L2 L1 ISO 5211 E D H I I D C C I D DN8…DN65 DN80…DN100 Nominal diameter A B C D E H I L1 L2 Ø D S V ISO 5211 Article no. [mm] Manually operated Bare shaft 1.) 10 40 9 47 88 125 64.5 23.5 100 23 13 1.5 9 F03/F04 351683 351667 15 40 9 47 88 125 64.5 23.5 100 25 19 1.5 9 F03/F04 351684 351668 20 44 9 53.5 95 125 68 27 105 25 23 1.5 9 F03/F04 351685 351669 25 52 12 60.5 123 189 93 30 115 25 29 1.5 11 F04/F05 314427 351670 32 58 12 71 133 189 97.5 35.5 140 33 35 1.5 11 F04/F05 351686 351671 40 68 12 81.5 147 221 106.5 40.5 150 33 41 1.5 14 F05/F07 351687 351672 50 77 16 100 167 221 117 50 170 33 53 1.5 14 F05/F07 351688 351673 65 98 19 127 218 302 154.5 63.5 220 40 70 2 17 F07/F10 351689 351674 80 110 19 188 250 302 166.5 83.5 300 65 85 2 17 F07/F10 351690 351675 100 138 24 221 317 350 219.5 97.5 325 65 104 2 22 F10 351691 351676 1.) The ball valves with bare shaft are suitable for automated operation with pneumatic or electric rotary actuators. |