| データシートサーチシステム |
|
TMD2621 データシート(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2621 データシート(HTML) 36 Page - OSRAM GmbH |
|
36 / 59 page ![]() Datasheet, Public Page 35 [v4-00] 2023-Apr-12 Document Feedback TMD2621 − Register Overview in order to run the calibration successfully. An electrical calibration can be initiated at any time by setting the ELECTRICAL_CALIBRATION and START_OFFSET_CAL bits. To perform an optical (and electrical) calibration do not set the ELECTRICAL_CALIBRATION bit when setting the START_ OFFSET_CAL bit. Electrical and optical calibration functions are identical, except that during an electrical calibration the proximity photodiode is disconnected from the AFE. Upon completion of the calibration, proximity offset registers are automatically loaded with calibration result, START_ OFFSET_CAL bit will be self-cleared, the CINT flag will assert. If CIEN is enabled, an interrupt is generated on the INT pin. |