| データシートサーチシステム |
|
TMD37024VC データシート(PDF) 46 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37024VC データシート(HTML) 46 Page - OSRAM GmbH |
|
46 / 57 page ![]() Datasheet, Public Page 45 [v2-00] 2023-Mar-14 Document Feedback TMD3702VC − Tape & Reel Information Figure 70: Tape & Reel Information Note(s): 1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001. 4. Each reel is 330mm in diameter and contains 10000 parts. 5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B. 6. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape. 7. This drawing is subject to change without notice. Tape & Reel Information |