データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMD3719 データシート(PDF) 20 Page - OSRAM GmbH

部品番号 TMD3719
部品情報  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 データシート(HTML) 20 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 16Page - OSRAM GmbH TMD3719 Datasheet HTML 17Page - OSRAM GmbH TMD3719 Datasheet HTML 18Page - OSRAM GmbH TMD3719 Datasheet HTML 19Page - OSRAM GmbH TMD3719 Datasheet HTML 20Page - OSRAM GmbH TMD3719 Datasheet HTML 21Page - OSRAM GmbH TMD3719 Datasheet HTML 22Page - OSRAM GmbH TMD3719 Datasheet HTML 23Page - OSRAM GmbH TMD3719 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
Datasheet, Public
Page 19
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Register Overview
0x3C
PILTR
R/W
Proximity interrupt low
threshold ratio
00000000
00000000
0x00
0x3D
0x00
0x3E
PIHTR
R/W
Proximity interrupt high
threshold ratio
00000000
00000000
0x00
0x3F
0x00
0x40
FD_CFG0
R/W
Flicker detection
configuration zero
000
00
0
01
0x01
0x41
FD_CFG1
R/W
Flicker detection
configuration one
000
00000
0x00
0x42
FD_CFG2
R/W
Flicker detection
configuration two
000
00000
0x00
0x43
FD_CFG3
R/W
Flicker detection
configuration three
000
00000
0x00
0x44
FD_CFG4
R/W
Flicker detection
configuration four
000
00000
0x00
0x45
FD_CFG5
R/W
Flicker detection
configuration five
11111110
0xFE
0x47
FD_CFG7
R/W
Flicker detection
configuration seven
000000
01
0x01
0x48
FD_CFG8
R/W
Flicker detection
configuration eight
01100111
0x67
0x4F
SYNC_DELAY
R/W
Synchronized delay
00000000
00000000
0x00
0x50
0x00
0x53
VSYNC_CFG0
R/W
Vertical sync configuration
zero
0001
00
00
0x10
0x54
VSYNC_CFG1
R/W
Vertical sync configuration
one
00
010000
0x10
0x56
VSYNC_CFG2
R/W
Vertical sync configuration
two
00000000
0x00
0x57
VSYNC_CFG3
R/W
Vertical sync configuration
three
00000000
0x00
0x69
CALIB
R/W
Calibration start
0000000
00x00
0x6A
CALIBCFG0
R/W
Calibration configuration zero
0
000
0
000
0x00
0x6B
CALIBCFG1
R/W
Calibration configuration one
0
0
0
0
1
100
0x0C
0x6C
CALIBCFG2
R/W
Calibration configuration two
000
00000
0x00
0x6D
CALIBSTAT
R/W
Calibration status
00000
0
0
00x00
0x80
ENABLE
R/W
Enable device states
0
00
0
000
00x00
Addr
Name
Type
Description
7 6 5 4 3 2 1 0 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95