データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMG49037 データシート(PDF) 70 Page - OSRAM GmbH

部品番号 TMG49037
部品情報  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 データシート(HTML) 70 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 66Page - OSRAM GmbH TMG49037 Datasheet HTML 67Page - OSRAM GmbH TMG49037 Datasheet HTML 68Page - OSRAM GmbH TMG49037 Datasheet HTML 69Page - OSRAM GmbH TMG49037 Datasheet HTML 70Page - OSRAM GmbH TMG49037 Datasheet HTML 71Page - OSRAM GmbH TMG49037 Datasheet HTML 72Page - OSRAM GmbH TMG49037 Datasheet HTML 73Page - OSRAM GmbH TMG49037 Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
ams Datasheet
Page 69
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Mechanical Data
Figure 75:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is 330 millimeters in diameter and contains 5000 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79