データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL2521 データシート(PDF) 49 Page - OSRAM GmbH

部品番号 TSL2521
部品情報  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 データシート(HTML) 49 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 45Page - OSRAM GmbH TSL2521 Datasheet HTML 46Page - OSRAM GmbH TSL2521 Datasheet HTML 47Page - OSRAM GmbH TSL2521 Datasheet HTML 48Page - OSRAM GmbH TSL2521 Datasheet HTML 49Page - OSRAM GmbH TSL2521 Datasheet HTML 50Page - OSRAM GmbH TSL2521 Datasheet HTML 51Page - OSRAM GmbH TSL2521 Datasheet HTML 52Page - OSRAM GmbH TSL2521 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Page 48
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
MEAS_SEQR_STEP0_MOD_GAINX_L Register
Figure 61:
MEAS_SEQR_STEP0_MOD_GAINX_L
Note(s):
1. Return to the Register Map (0xD4).
MEAS_SEQR_STEP1_MOD_GAINX_L Register
Figure 62:
MEAS_SEQR_STEP1_MOD_GAINX_L
Note(s):
1. Return to the Register Map (0xD6).
Addr: 0xD4
MEAS_SEQR_STEP0_MOD_GAINX_L
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_STEP0_
MOD_GAIN1
0x8
R/W
Defines the gain of modulator 1 for the
measurement sequencer step 0. The gain is also
updated by the AGC, if activated.
0x00: 1/2x
0x01:
1x
0x02:
2x
0x03:
4x
0x04:
8x
0x05: 16x
0x06: 32x
0x07: 64x
0x08: 128x
0x09: 256x
0x0A: 512x
0x0B:1024x
0x0C:2048x
0x0D:4096x
3:0
MEASUREMENT_
SEQUENCER_STEP0_
MOD_GAIN0
0x8
R/W
Defines the gain of modulator 0 for the
measurement sequencer step 0. The gain is also
updated by the AGC, if activated.
Gain steps see under modulator 1 above.
Addr: 0xD6
MEAS_SEQR_STEP1_MOD_GAINX_L
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_STEP1_
MOD_GAIN1
0x8
R/W
Defines the gain of modulator 1 for the
measurement sequencer step 1.
3:0
MEASUREMENT_
SEQUENCER_STEP1_
MOD_GAIN0
0x8
R/W
Defines the gain of modulator 0 for the
measurement sequencer step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81