| データシートサーチシステム |
|
TSL2568 データシート(PDF) 41 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2568 データシート(HTML) 41 Page - OSRAM GmbH |
|
41 / 56 page ![]() Page 40 ams Datasheet Document Feedback [v1-00] 2016-Apr-12 TSL2568, TSL2569 − Application Information: Software // protect against divide by zero unsigned long ratio1 = 0; if (channel0 != 0) ratio1 = (channel1 << (RATIO_SCALE+1)) / channel0; // round the ratio value unsigned long ratio = (ratio1 + 1) >> 1; // is ratio <= eachBreak ? unsigned int b, m; switch (iType) { case 0: // T package if ((ratio >= 0) && (ratio <= K1T)) {b=B1T; m=M1T;} else if (ratio <= K2T) {b=B2T; m=M2T;} else if (ratio <= K3T) {b=B3T; m=M3T;} else if (ratio <= K4T) {b=B4T; m=M4T;} else if (ratio <= K5T) {b=B5T; m=M5T;} else if (ratio > K6T) {b=B6T; m=M6T;} break; case 1: // CS package if ((ratio >= 0) && (ratio <= K1C)) {b=B1C; m=M1C;} else if (ratio <= K2C) {b=B2C; m=M2C;} else if (ratio <= K3C) {b=B3C; m=M3C;} else if (ratio <= K4C) {b=B4C; m=M4C;} else if (ratio <= K5C) {b=B5C; m=M5C;} else if (ratio > K6C) {b=B6C; m=M6C;} break; } unsigned long temp; unsigned long lux; temp = ((channel0 * b) − (channel1 * m)); // scale CS or T package // round lsb (2^(LUX_SCALE−1)) temp += (1 << (LUX_SCALE−1)); // strip off fractional portion lux = temp >> LUX_SCALE; return(lux); } |