| データシートサーチシステム |
|
TSL2572 データシート(PDF) 22 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2572 データシート(HTML) 22 Page - OSRAM GmbH |
|
22 / 41 page ![]() Datasheet, Public Page 21 [v2-00] 2022-Nov-30 Document Feedback TSL2572 − Register Overview Enable Register (0x00) The ENABLE register is used to power the device ON/OFF, enable functions, and interrupts. Figure 23: Enable Register Field Bits Description Reserved 7 Reserved. Write as 0. SAI 6 Sleep after interrupt. When asserted, the device will power down at the end of an ALS cycle if an interrupt has been generated Reserved 5 Reserved. Write as 0. AIEN 4 ALS interrupt mask. When asserted, permits ALS interrupts to be generated. WEN 3 Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the wait timer. Reserved 2 Reserved. Write as 0. AEN 1 ALS Enable. This bit actives the two channel ADC. Writing a 1 activates the ALS. Writing a 0 disables the ALS. PON 0 Power ON. This bit activates the internal oscillator to permit the timers and ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0 disables the oscillator. 6 75 4 PON 2 31 0 ENABLE Reserved Resv AIEN Reset 0x00 AEN WEN SAI Reserved Reserved |