| データシートサーチシステム |
|
TSL2569CS データシート(PDF) 47 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2569CS データシート(HTML) 47 Page - OSRAM GmbH |
|
47 / 56 page ![]() Page 46 ams Datasheet Document Feedback [v1-00] 2016-Apr-12 TSL2568, TSL2569 − Pack aging Mechanical Data Figure 44: TSL2568/TSL2569 TMB Carrier Tape Note(s): 1. All linear dimensions are in millimeters. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001. 4. Each reel is 178 millimeters in diameter and contains 1000 parts. 5. ams packaging tape and reel conform to the requirements of EIA Standard 481-B. 6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. 7. This drawing is subject to change without notice. 0.30 + 0.050 2.10 4 + 0.100 2 + 0.100 8 Typ 1.75 + 0.100 5.50 + 0.100 AA B B 12 + 0.100 R 0.20 TYP j 1.50 j 1.50 SIDE VIEW TOP VIEW END VIEW 3.09 MAX 2.90 + 0.100 Ao R 0.20 TYP 1.80 Ko 4.29 MAX 4.10 + 0.100 Bo DETAIL B DETAIL A R 0.20 TYP |