| データシートサーチシステム |
|
TSL2585 データシート(PDF) 10 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2585 データシート(HTML) 10 Page - OSRAM GmbH |
|
10 / 86 page ![]() Datasheet, Public Page 9 [v4-00] 2022-Dec-22 Document Feedback TSL2585 − Electrical Characteristics Note(s): 1. This parameter indicates the supply current during periods of ALS integration. The ALS gain setting will have an effect on the active supply current. The ALS gain setting used for this parameter is 128x and there are 3 modulators active. 2. Idle state occurs when PON=1 and all functions are disabled. This parameter is measured with LOWPOWER_IDLE=1. 3. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON will remain high. CI Input pin capacitance 10 pF tACTIVE Time from Power-On to Ready to Receive I2C Commands 0.5 ms Symbol Parameter Conditions Min Typ Max Unit |