| データシートサーチシステム |
|
TSL2591 データシート(PDF) 16 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2591 データシート(HTML) 16 Page - OSRAM GmbH |
|
16 / 34 page ![]() Datasheet, Public Page 15 [v3-00] 2023-Feb-08 Document Feedback TSL2591 − Register Description The ENABLE register is used to power the device on/off, enable functions and interrupts. 76543 2 1 0 NPIEN SAI Reserved AIEN Reserved AEN PON Fields Bits Description NPIEN 7 No Persist Interrupt Enable. When asserted NP Threshold conditions will generate an interrupt, bypassing the persist filter. SAI 6 Sleep after interrupt. When asserted, the device will power down at the end of an ALS cycle if an interrupt has been generated. Reserved 5 Reserved. Write as 0. AIEN 4 ALS Interrupt Enable. When asserted permits ALS interrupts to be generated, subject to the persist filter. Reserved 3:2 Reserved. Write as 0. AEN 1 ALS Enable. This field activates ALS function. Writing a one activates the ALS. Writing a zero disables the ALS. PON 0 Power ON. This field activates the internal oscillator to permit the timers and ADC channels to operate. Writing a one activates the oscillator. Writing a zero disables the oscillator. Enable Register (0x00) |