データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL2671 データシート(PDF) 27 Page - OSRAM GmbH

部品番号 TSL2671
部品情報  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 データシート(HTML) 27 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 23Page - OSRAM GmbH TSL2671 Datasheet HTML 24Page - OSRAM GmbH TSL2671 Datasheet HTML 25Page - OSRAM GmbH TSL2671 Datasheet HTML 26Page - OSRAM GmbH TSL2671 Datasheet HTML 27Page - OSRAM GmbH TSL2671 Datasheet HTML 28Page - OSRAM GmbH TSL2671 Datasheet HTML 29Page - OSRAM GmbH TSL2671 Datasheet HTML 30Page - OSRAM GmbH TSL2671 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Register Description
Persistence Register (0x0C)
The persistence register controls the filtering interrupt
capabilities of the device. Configurable filtering is provided to
allow interrupts to be generated after each ADC integration
cycle or if the ADC integration has produced a result that is
outside of the values specified by threshold register for some
specified amount of time.
Figure 30:
Persistence Register
Field
Bits
Description
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host
processor
Field Value
Meaning
Interrupt Persistence Function
0000
---
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
...
...
...
1111
15
15 consecutive proximity values out of range
Reserved
3:0
Default setting is 0x00.
6
75
4
Reserved
2
31
0
PERS
PPERS
Address
0x0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45