| データシートサーチシステム |
|
TSL26717 データシート(PDF) 27 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL26717 データシート(HTML) 27 Page - OSRAM GmbH |
|
27 / 45 page ![]() Page 26 ams Datasheet Document Feedback [v1-00] 2016-Jul-12 TSL2671 − Register Description Persistence Register (0x0C) The persistence register controls the filtering interrupt capabilities of the device. Configurable filtering is provided to allow interrupts to be generated after each ADC integration cycle or if the ADC integration has produced a result that is outside of the values specified by threshold register for some specified amount of time. Figure 30: Persistence Register Field Bits Description PPERS 7:4 Proximity interrupt persistence. Controls rate of proximity interrupt to the host processor Field Value Meaning Interrupt Persistence Function 0000 --- Every proximity cycle generates an interrupt 0001 1 1 proximity value out of range 0010 2 2 consecutive proximity values out of range ... ... ... 1111 15 15 consecutive proximity values out of range Reserved 3:0 Default setting is 0x00. 6 75 4 Reserved 2 31 0 PERS PPERS Address 0x0C |