データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL27725FN データシート(PDF) 50 Page - OSRAM GmbH

部品番号 TSL27725FN
部品情報  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27725FN データシート(HTML) 50 Page - OSRAM GmbH

Back Button TSL27725FN Datasheet HTML 46Page - OSRAM GmbH TSL27725FN Datasheet HTML 47Page - OSRAM GmbH TSL27725FN Datasheet HTML 48Page - OSRAM GmbH TSL27725FN Datasheet HTML 49Page - OSRAM GmbH TSL27725FN Datasheet HTML 50Page - OSRAM GmbH TSL27725FN Datasheet HTML 51Page - OSRAM GmbH TSL27725FN Datasheet HTML 52Page - OSRAM GmbH TSL27725FN Datasheet HTML 53Page - OSRAM GmbH TSL27725FN Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Datasheet, Public
Page 49
[v2-00] 2023-Mar-30
Document Feedback
TSL2772 − Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 52:
Solder Reflow Profile
Figure 53:
Solder Reflow Profile Graph
Note(s):
1. Not to scale — for reference only
Parameter
Reference
Device
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C (T1)
t1
Max 60s
Time above 230°C (T2)
t2
Max 50s
Time above Tpeak −10°C (T3)
t3
Max 10s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max −5°C/s
Soldering Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference o
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58