データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL26727 データシート(PDF) 32 Page - OSRAM GmbH

部品番号 TSL26727
部品情報  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26727 データシート(HTML) 32 Page - OSRAM GmbH

Back Button TSL26727 Datasheet HTML 28Page - OSRAM GmbH TSL26727 Datasheet HTML 29Page - OSRAM GmbH TSL26727 Datasheet HTML 30Page - OSRAM GmbH TSL26727 Datasheet HTML 31Page - OSRAM GmbH TSL26727 Datasheet HTML 32Page - OSRAM GmbH TSL26727 Datasheet HTML 33Page - OSRAM GmbH TSL26727 Datasheet HTML 34Page - OSRAM GmbH TSL26727 Datasheet HTML 35Page - OSRAM GmbH TSL26727 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
ams Datasheet
Page 31
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 37:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 38:
Status Register
76
5
4
3
2
1
0
ID
Field
Bits
Description
ID
7:0
Part number identification
0x32 = TSL26721 & TSL26725
0x3B = TSL26723 & TSL26727
76
5
4
3
2
1
0
Reserved
PSAT
PINT
Reserved
PVALID
Reserved
Field
Bit
Description
Reserved
7
Reserved. Read as 0.
PSAT
6
Proximity Saturation. Indicates that the proximity measurement
saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
Reserved
4:2
Reserved. Read as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed
an integration cycle after PEN has been asserted.
Reserved
0
Reserved. Read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47