| データシートサーチシステム |
|
TSL27727FN データシート(PDF) 48 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27727FN データシート(HTML) 48 Page - OSRAM GmbH |
|
48 / 58 page ![]() Datasheet, Public Page 47 [v2-00] 2023-Mar-30 Document Feedback TSL2772 − Package Information Figure 50: Package FN — Dual Flat No-Lead Packaging Configuration Note(s): 1. All linear dimensions are in micrometers. 2. The die is centered within the package within a tolerance of ±75 μm. 3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. 4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Package Information 2 2 PACKAGE FN Dual Flat No-Lead 203 + 8 6 SDA 5 INT 4 LDR VDD 1 SCL 2 GND 3 TOP VIEW SIDE VIEW BOTTOM VIEW Lead Free Pb 300 + 50 650 BSC 2000 + 100 2000 + 100 PIN 1 PIN 1 END VIEW 650 + 50 PIN OUT TOP VIEW 750 + 150 Photodiode Array Area 295 Nominal 355 + 10 398 + 10 CL of Solder Contacts CL of Photodiode Array Area (Note B) 1 Nominal CL of Solder Contacts of Photodiode Array Area (Note B) CL 144 Nominal 2 2 Green RoHS |