| データシートサーチシステム |
|
AD8213 データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8213 データシート(HTML) 5 Page - Analog Devices |
|
5 / 16 page ![]() AD8213 Rev. 0 | Page 5 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 1 2 10 9 38 47 5 6 Figure 2. Metallization Diagram –IN2 1 +IN2 2 GND 3 OUT2 4 CF2 5 –IN1 10 +IN1 9 V+ 8 OUT1 7 CF1 6 AD8213 TOP VIEW (Not to Scale) Figure 3. Pin Configuration Table 3. Pin Function Descriptions Pin No. Mnemonic X Y Description 1 −IN2 −401 677 Inverting input of the second channel. 2 +IN2 −401 510 Noninverting input of the second channel. 3 GND −401 −53 Ground. 4 OUT2 −394 −500 Output of the second channel. 5 CF2 −448 −768 Low-pass filter pin for the second channel. 6 CF1 448 −768 Low-pass filter pin for the first channel. 7 OUT1 394 −500 Output of the first channel. 8 V+ 401 −61 Supply. 9 +IN1 401 510 Noninverting input of the first channel. 10 −IN1 401 677 Inverting input of the first channel. |