| データシートサーチシステム |
|
DMR35-ACA2-AC1-R データシート(PDF) 11 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DMR35-ACA2-AC1-R データシート(HTML) 11 Page - Murata Power Solutions Inc. |
|
11 / 11 page ![]() DMR35-ACA.A01.D0 5 Page 11 of 11 DMR35-ACA/mA Series AC Ammeter www.murata-ps.com STANDARD PACKAGING, NOMINAL DIMENSIONS Murata Power Solutions, Inc. 129 Flanders Rd. Westborough, Ma 01581, USA. ISO 9001 REGISTERED This product is subject to the following operating requirements and the Life and Safety Critical Application Sales Policy: Refer to: https://www.murata-ps.com/requirements/ Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upo existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications ar subject to change without notice. ©202 3 Murata Power Solutions, Inc. |