| データシートサーチシステム |
|
4LS データシート(PDF) 21 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
4LS データシート(HTML) 21 Page - OSRAM GmbH |
|
21 / 115 page ![]() Document Feedback 4LS Typical Operating Characteristics Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 20 Figure 23: 4LS Monochrome Relative Angular Response(1) Figure 24: 4LS RGB Relative Angular Response(1)(2) (1) Due to the nature of 4LS pixel and sensor structure, the pixel matrix gets shielded by thick metal barriers, between each pixel line. Therefore it is observed a lower response when the sensor is rotated horizontally, or when the illumination varies horizontally relative to the sensor. (2) When the sensor is rotated vertically, or the illumination varies vertically relative to the sensor, additional metal barriers on the left side of the pixel will block a part of blue light, while red and green can pass through the metal easier. 35 40 45 50 55 60 65 70 75 80 85 90 95 100 -45 -35 -25 -15 -5 5 15 25 35 45 Angle (º) AR Mono Vertical AR Mono Horizontal 35 40 45 50 55 60 65 70 75 80 85 90 95 100 -45 -35 -25 -15 -5 5 15 25 35 45 Angle (º) AR Blue Vertical AR Green Vertical AR Red Vertical AR Blue Horizontal AR Green Horizontal AR Red Horizontal |