| データシートサーチシステム |
|
AS621X データシート(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS621X データシート(HTML) 34 Page - OSRAM GmbH |
|
34 / 37 page ![]() Document Feedback AS621x Package Drawings & Markings Datasheet • PUBLIC DS000677 • v4-00 • 2022-May-17 36 │ 33 8 Package Drawings & Markings Figure 37: WLCSP Outline Drawing A3 Columns A2 A1 B1 B2 B3 B A 3 2 1 X dx dx ax ax d Bottom View Bottom View de ae E Side View Ref. Min Nom Max X 1475 1490 1515 Y 1005 1025 1045 ax 347.5 dx 400 ay 312.5 dy 400 d 250 E 600 ae 22 de 378 (1) All dimensions are in micrometers. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |