| データシートサーチシステム |
|
4LS10K-5CIA データシート(PDF) 66 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
4LS10K-5CIA データシート(HTML) 66 Page - OSRAM GmbH |
|
66 / 115 page ![]() Document Feedback 4LS Register Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 65 9.1.9 Companding Threshold 2 Register (Address 0x08) Figure 99: CT2Reg Address: 0x08 Default Value: 0x80 Access: Read/Write Bit Bit Name Default Bit Description 7:0 Companding Threshold 2 10000000b It defines, in companding mode, the second ADC step. 9.1.10 Companding Threshold 3 Register (Address 0x09) Figure 100: CT3Reg Address: 0x09 Default Value: 0x00 Access: Read/Write Bit Bit Name Default Bit Description 7:0 Companding Threshold 3 00000000b It defines, in companding mode, the third ADC step. 9.1.11 End of Range Register (Address 0x0A) Figure 101: EORReg Address: 0x0A Default Value: 0xFF Access: Read/Write Bit Bit Name Default Bit Description 7:0 End of Range Level 11111111b It defines the digital level for the ADC conversion. This register sets the value for the end of range for the ADC, or the highest value the ADC will compute. It is with this value that the conversion time for the ADC is defined. Since the ADC is 12-bit and the register only holds 8-bit, the register holds the 8 MSB from a 12-bit word. |