データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS6221T データシート(PDF) 4 Page - OSRAM GmbH

部品番号 AS6221T
部品情報  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T データシート(HTML) 4 Page - OSRAM GmbH

  AS6221T Datasheet HTML 1Page - OSRAM GmbH AS6221T Datasheet HTML 2Page - OSRAM GmbH AS6221T Datasheet HTML 3Page - OSRAM GmbH AS6221T Datasheet HTML 4Page - OSRAM GmbH AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AS6221T
General description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
4 / 36
/
1.2
Applications
•
Fitness/health wristbands
•
Personal computers
•
Wearables
•
HVAC
•
Replacement of PTCs
•
Electronic equipment
– Tablets
– Convertibles
– Laptop
1.3
Block diagram
The functional blocks of this device are shown below:
Figure 1: Functional blocks of AS6221T
In Figure 1, the functional blocks are depicted. The sensing element for sensing the
temperature is a Si bipolar transistor. The analog signal of the sensing element is converted
into a digital signal by the A/D converter and the signal is further processed by a digital signal
processor and written into the registers. The registers can be accessed via the serial bus
interface (I²C bus).
Temperature
Sensor Analog
Frontend
A/D Converter
Digital Signal
Processing
Registers
Oscillator
Control Logic
I²C Interface
AS6221T
VDD
VSS
ADD0
ADD1/Alert
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36