データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8512 データシート(PDF) 4 Page - OSRAM GmbH

部品番号 AS8512
部品情報  Battery pack current, voltage and temperature sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8512 データシート(HTML) 4 Page - OSRAM GmbH

  AS8512 Datasheet HTML 1Page - OSRAM GmbH AS8512 Datasheet HTML 2Page - OSRAM GmbH AS8512 Datasheet HTML 3Page - OSRAM GmbH AS8512 Datasheet HTML 4Page - OSRAM GmbH AS8512 Datasheet HTML 5Page - OSRAM GmbH AS8512 Datasheet HTML 6Page - OSRAM GmbH AS8512 Datasheet HTML 7Page - OSRAM GmbH AS8512 Datasheet HTML 8Page - OSRAM GmbH AS8512 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Short Datasheet ● PUBLIC ● Document Feedback
DS001088 ● v1-00 ● 2024-Jan-31
4 / 9
AS8512
General description
- Continuous data acquisition (or)
- Periodic single-shot acquisition, (or)
- Continuous acquisition on threshold crossing of programmed current levels (or)
- A combination of the above
•
On chip high-precision 4MHz RC oscillator or option for external clock.
•
-40ºC to 105ºC ambient operation.
•
Chip ID feature
•
SSOP-20 pin package.
1.2
Applications
The AS8512 is ideal for shunt based batteries sensor - Battery pack current, voltage &
temperature measurement.
1.3
Block diagram
Figure 1: AS8512 block diagram
AS8512
REF
VCM
SCLK
CS SDI
MEN
CHOP_CLK
CLK
INT
FIR / MA
SPI
Internal
Temperature
sensor
ETR
ETS
AVSS
RSHH
SDO
AVDD
16-Bit Sigma Delta ADC
PGA
Bandgap
Reference
Oscillator
Programmable
Current source
PGA
16-Bit Sigma Delta ADC
Analog
Common
Mode
MUX &
Chopper
Chopper
RSHL
VBAT_IN
VBAT_GND
DVDD



Html Pages

1 2 3 4 5 6 7 8 9