| データシートサーチシステム |
|
CSG14K データシート(PDF) 85 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K データシート(HTML) 85 Page - OSRAM GmbH |
|
85 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 84 Figure 102: Vertical ROI Example (color mode) Horizontal Subsampling Figure 103: Horizontal Subsampling Registers Register Name Bank Addr Bits Description XSUBS 4 22 [1:0] Horizontal subsampling setting Ratio = 1/(2XSUBS) COLOR_MODE 4 4 [0] 0: Mono 1: Color The sensor supports horizontal subsampling, reducing the amount of pixels per line to 1:2XSUBS. This horizontal subsampling is applied to the whole array and not per ROI like vertical subsampling. Depending on COLOR_MODE, pixel grouping is done to preserve the Bayer pattern. Note: KSIZE should be set according to the formulas in section 7.5.4. row 101 row 100 row 103 row 102 row 50 row 104 row 52 row 51 row 54 row 53 row 56 row 55 row 58 row 57 row 60 row 59 row 62 row 61 row 64 row 63 row 66 row 65 row 67 row read out row skipped FVAL 3 100 1 YWIN0 2 0 1 YWIN1 0 0 0 0 0 0 1 0 0 1 YWIN_ENA 5 200 0 YWIN2 6 50 3 YWIN3 DVAL 100 YADDR 101 104 58 59 66 67 50 51 ROI 3 ROI 0 |