データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LEDP1MS データシート(PDF) 17 Page - OSRAM GmbH

部品番号 LEDP1MS
部品情報  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS データシート(HTML) 17 Page - OSRAM GmbH

Back Button LEDP1MS Datasheet HTML 13Page - OSRAM GmbH LEDP1MS Datasheet HTML 14Page - OSRAM GmbH LEDP1MS Datasheet HTML 15Page - OSRAM GmbH LEDP1MS Datasheet HTML 16Page - OSRAM GmbH LEDP1MS Datasheet HTML 17Page - OSRAM GmbH LEDP1MS Datasheet HTML 18Page - OSRAM GmbH LEDP1MS Datasheet HTML 19Page - OSRAM GmbH LEDP1MS Datasheet HTML 20Page - OSRAM GmbH LEDP1MS Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
17 | Version 0.1 | 2022-09-26
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21