| データシートサーチシステム |
|
78250MC-R データシート(PDF) 4 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
78250MC-R データシート(HTML) 4 Page - Murata Power Solutions Inc. |
|
4 / 5 page ![]() KMP_78250C_D03 Page 4 of 5 78250 Series MAX250/MAX251 Compatible Converter Transformers www.murata.com TAPE & REEL SPECIFICATIONS REEL OUTLINE DIMENSIONS TAPE OUTLINE DIMENSIONS 1.20 (30.4) Max. 0.94-1.08 (23.9-27.4) 0.53 (13.50) 0.50 (12.80) 0.059 (1.50) Min. 2.36 (60) Min. 0.80 (20.20) Min. 3.9 (100) Min. Leader section 15.7 (400) Min. Goods enclosure section Trailer section 6.3 (160) Min. Ø15.039 (382) Max. Ø Ø * 0.96 (24.4) 1.04 (26.4) Unless otherwise stated all dimensions in inches (mm) ±0.01(0.25). * Includes flange distortion at outer edge. Measured at hub. 0.024 (0.60) Max. 0.283 (7.20) 0.369 (9.37) Direction of unreeling 0.069 (1.75) 0.157 (4.00) 0.079 (2.00) 0.472 (12.00) Cover tape 0.059 (1.50 ) +0.004 -0.000 +0.10 -0.00 Unless otherwise stated all dimensions in inches (mm) ±0.01(0.25). |