| データシートサーチシステム |
|
MHO+55TDD-R データシート(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
MHO+55TDD-R データシート(HTML) 1 Page - MTRONPTI |
|
|
1 / 1 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. MHO+ Series 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator 1. Consult factory for availability of higher frequencies. 2. TTL load - See load circuit diagram #1. HCMOS load - See load circuit diagram #2. 3. Symmetry is measured at 1.4 V with TTL load, and at 50% Vdd with HCMOS load. 4. Rise/Fall times are measured between 0.5 V and 2.4 V with TTL load, and between 10% Vdd and 90% Vdd with HCMOS load. Pin Connections Available Symmetry Revision: 11-21-06 Features: Standard 14 DIP Package RoHS Compliant Version Available (-R) Tristate Option Wide Operating Temperature Range • • • • |
同様の部品番号 - MHO+55TDD-R |
|
同様の説明 - MHO+55TDD-R |