| データシートサーチシステム |
|
MPX5050 データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5050 データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 14 page ![]() MPX5050 Sensors 2 Freescale Semiconductor Figure 1. Fully Integrated Pressure Sensor Schematic Table 1. Maximum Ratings(1) 1. Exposure beyond the specified limits may cause permanent damage or degradation to the device. Rating Symbol Value Unit Maximum Pressure (P1 > P2) Pmax 200 kPa Storage Temperature Tstg –40 ° to +125°°C Operating Temperature TA –40 ° to +125°°C Sensing Element Thin Film Temperature Compensation and Gain Stage #1 Gain Stage #2 and Ground Reference Shift Circuitry VS Vout GND Pins 4, 5, and 6 are NO CONNECTS for Unibody Device Pins 1, 5, 6, 7, and 8 are NO CONNECTS for Small Outline Package Device |