データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8323ZQADDC データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MPC8323ZQADDC
部品情報  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ZQADDC データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8323ZQADDC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323ZQADDC Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
9
Electrical Characteristics
2.1.4
Input Capacitance Specification
Table 4 describes the input capacitance for the CLKIN pin in the MPC8323E.
2.2
Power Sequencing
MPC8323E does not require the core supply voltage and I/O supply voltages to be applied in any particular
order. However, note that during the power ramp up, before the power supplies are stable, there might be
a period of time that I/O pins are actively driven. After the power is stable, as long as PORESET is
asserted, most I/O pins are three-stated. In order to minimize the time that I/O pins being actively driven,
it is recommended to apply core voltage before I/O voltage and assert PORESET before the power supplies
fully ramp up. The core voltage (VDD) should reach its nominal level before the I/O voltage (OVDD and
GVDD) reaches 0.7 V. In addition, the I/O voltage should reach its nominal level within 100 microseconds
after the core voltage has reached its nominal level (see Figure 4). Excessive current consumption may be
observed if these recommendations are not followed.
Figure 4. MPC8323E Power Sequencing
Table 4. Input Capacitance Specification
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input capacitance for all pins except CLKIN
CI
68
pF
Input capacitance for CLKIN
CICLKIN
10
—
pF
1
Note:
1. The external clock generator should be able to drive 10 pF.
100
μs
Min
Max
t
0.7 V
V
Core Voltage (VDD) 1 V
I/O Voltage (GVDD and OVDD) 3.3 V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80