| データシートサーチシステム |
|
2000 データシート(PDF) 4 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 データシート(HTML) 4 Page - Christian Bürkert GmbH & Co. KG |
|
4 / 16 page ![]() Type 8650 4 | 16 Visit product website 1.2. Electrical modules of Siemens SIMATIC ET 200iSP™ series Note: • The Siemens SIMATIC ET 200iSP™ decentralised peripheral device can be used in areas at risk of explosion. It consists of the power supply and interface module, and a maximum of 32 electronics modules. • Further information can be found in the Siemens SIMATIC ET 200iSP™ manual operating Instructions. • Type 8650 REV2 with shut-off valve Type 6518 (for availability see “8.4. Ordering chart accessories” on page 13) Type 8650 REV1 Type 8650 REV2 with shut-off valve Type 6518 Overview of the Siemens components required for the AirLINE Ex Type 8650 Note: An overview of the Siemens components required for the Type 8650 AirLINE Ex system will be given below. For further information on the modules of the ET 200iSP™ series, please refer to the corresponding data sheets from Siemens. Components for the SIMATIC ET 200iSP™ system Standard rail The standard rail is the subrack of the ET 200iSP™ system. You mount the modules on this rail (standard rails are available in different lengths). Terminal module The terminal modules support upright wiring. They hold the power supply, the interface and the electronic modules. Power supply module The power supply module is plugged into the TM-PS-A terminal module (optionally redundant, then TM-PS-B terminal module). It supplies the electronics, valves and encoders with power. Interface module The interface module is plugged into the terminal module TM-IM / EM or TM-IM / IM. It connects the ET 200iSP™ system to the PROFIBUS network and distributes the data to the equipped electronic modules. Electronic module The electronic module is plugged onto the terminal module TM-IM / EM or M-EM / EM. It provides the electrical I/Os (e.g. analogue outputs or digital inputs). Termination module The termination module completes the station. |