| データシートサーチシステム |
|
B2M160120Z データシート(PDF) 3 Page - BASIC SEMICONDUCTOR |
|
|
|||||||||||||||||||||||||||||
B2M160120Z データシート(HTML) 3 Page - BASIC SEMICONDUCTOR |
|
3 / 14 page ![]() SiC MOSFET 3 / 13 www.basicsemi.com Thermal Characteritics Symbol Parameter Value Unit Min. Typ. Max. 1.21 1.60 K/W Thermal Resistance from Junction to Case R th(jc) AC Characteristics Gate Charge Characteristics Symbol Parameter Test conditions Value Unit Min. Typ. Max. 540 36 4 4.5 pF pF pF 14 μJ Ω Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Gate Resistance C iss C oss C rss R G(int) V GS=0V, VDS=800V f =1MHz, V AC=25mV f =1MHz, V AC=25mV Symbol Parameter Test conditions Value Unit Min. Typ. Max. 7 15 26 nC nC nC Gate to Source Charge Gate to Drain Charge Total Gate Charge Q GS Q GD Q G V DS=800V I D =10A V GS=-4/+18V C oss Stored Energy E oss 44 pF Effective Output Capacitance, Energy Related C O(ER) V GS=0V, 0V < VDS < 800V 63 pF Effective Output Capacitance, Time Related C O(TR) V GS=0V, 0V < VDS < 800V B2M160120Z Rev. 0.1 |