データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDSCB10M7GF109-R0 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd

部品番号 CDSCB10M7GF109-R0
部品情報  Ceramic Discriminators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CDSCB10M7GF109-R0 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CDSCB10M7GF109-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CDSCB10M7GF109-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CDSCB10M7GF109-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CDSCB10M7GF109-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CDSCB10M7GF109-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CDSCB10M7GF109-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/16/2024
Specifications
Operating Temperature
Range
-20
℃ to 80℃
Shape
SMD
Elements
1
Center Frequency
10.700MHz
Nominal Center Value
Yes
Recovered Audio 3dB BW
fn±100kHzmin.
Distortion(max.)
3
%
Area of Distortion
[at fn]
Recovered Audio Output
170mVmin.
IC
TK14588V
IC Maker
TOKO
Detection Method
quadrature type
Mass
21.84mg
2 of 3



Html Pages

1 2 3