| データシートサーチシステム |
|
CDSCB10M7GF126-R0 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CDSCB10M7GF126-R0 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd |
|
2 / 3 page ![]() Product Search Data Sheet CDSCB10M7GF126-R0 Note: This datasheet may be out of date. Please download the latest datasheet of CDSCB10M7GF126-R0 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=CDSCB10M7GF126-R0 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated04/16/2024 Specifications Operating Temperature Range -20 ℃ to 80℃ Shape SMD Elements 1 Center Frequency 10.700MHz Nominal Center Value Yes IC NJM2295AV IC Maker JRC S Curve(min.) 400mV mini.,[10. 700MHz±75kHz] Detection Method quadrature type Mass 21.84mg 2 of 3 |