データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9910/PCBZ データシート(PDF) 15 Page - Analog Devices

部品番号 AD9910/PCBZ
部品情報  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ データシート(HTML) 15 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 11Page - Analog Devices AD9910/PCBZ Datasheet HTML 12Page - Analog Devices AD9910/PCBZ Datasheet HTML 13Page - Analog Devices AD9910/PCBZ Datasheet HTML 14Page - Analog Devices AD9910/PCBZ Datasheet HTML 15Page - Analog Devices AD9910/PCBZ Datasheet HTML 16Page - Analog Devices AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
AD9910
Rev. 0 | Page 15 of 60
APPLICATION CIRCUITS
LOOP
FILTER
PHASE
COMPARATOR
VCO
AD9910
REF CLK
REFERENCE
CHARGE
PUMP
AD9510, AD9511, ADF4106
÷
÷
LPF
Figure 19. DDS in PLL Feedback Locking to Reference Offering Fine Frequency and Delay Adjust Tuning
AD9910
(SLAVE 1)
AD9910
(MASTER)
CLOCK
SOURCE
AD9910
(SLAVE 2)
AD9910
(SLAVE 3)
FPGA
DATA
SYNC_CLK
REF_CLK
SYNC_CLK
SYNC_CLK
FPGA
DATA
FPGA
DATA
DATA
FPGA
SYNC_CLK
C1
S1
C2
S2
C3
S3
C4
S4
A1
A2
A4
A3
A_END
CENTRAL
CONTROL
AD9510
CLOCK DISTRIBUTOR
WITH
DELAY EQUALIZATION
SYNC_OUT
AD9510
SYNCHRONIZATION
DELAY EQUALIZATION
Figure 20. Synchronizing Multiple Devices to Increase Channel Capacity Using the AD9510 as a Clock Distributor for the Reference and Synchronization Clock
AD9910
REF CLK
n
PROGRAMMABLE 1 TO 32
DIVIDER AND DELAY ADJUST
CLOCK OUTPUT
SELECTION(S)
n = DEPENDANT ON PRODUCT SELECTION.
AD9515
AD9514
AD9513
AD9512
LVPECL
LVDS
CMOS
CH 2
LPF
Figure 21. Clock Generation Circuit Using the AD951x Series of Clock Distribution Chips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60