データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMD-K6-2E/233AFZ データシート(PDF) 13 Page - Advanced Micro Devices

部品番号 AMD-K6-2E/233AFZ
部品情報  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AFZ データシート(HTML) 13 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AFZ Datasheet HTML 9Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 10Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 11Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 12Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 13Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 14Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 15Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 16Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 332 page
background image
List of Tables
xiii
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
List of Tables
Table 1.
Execution Latency and Throughput of Execution Units .19
Table 2.
General-Purpose Registers .................................................24
Table 3.
General-Purpose Register Doubleword, Word,
and Byte Names....................................................................25
Table 4.
Segment Registers ...............................................................26
Table 5.
AMD-K6™-2E Processor Model 8/[F:8]
Model-Specific Registers.....................................................40
Table 6.
Extended Feature Enable Register (EFER) Definition ...43
Table 7.
SYSCALL/SYSRET Target Address Register
(STAR) Definition ................................................................44
Table 8.
Memory Management Registers.........................................47
Table 9.
Application Segment Types ................................................53
Table 10. System Segment and Gate Types .......................................54
Table 11. Summary of Exceptions and Interrupts.............................55
Table 12. Integer Instructions .............................................................57
Table 13. Floating-Point Instructions .................................................74
Table 14. MMX™ Instructions.............................................................78
Table 15. 3DNow!™ Instructions.........................................................81
Table 16. Processor-to-Bus Clock Ratios ............................................93
Table 17. Output Pin Float Conditions .............................................127
Table 18. Input Pin Types ..................................................................130
Table 19. Output Pin Float Conditions .............................................131
Table 20. Input/Output Pin Float Conditions ..................................131
Table 21. Test Pins..............................................................................131
Table 22. Bus Cycle Definition ..........................................................132
Table 23. Special Cycles.....................................................................132
Table 24. Bus-Cycle Order During Misaligned Memory Transfers . 140
Table 25. A[4:3] Address-Generation Sequence During Bursts .....142
Table 26. Bus-Cycle Order During Misaligned I/O Transfers .........147
Table 27. Interrupt Acknowledge Operation Definition ................168
Table 28. Encodings for Special Bus Cycles.....................................170
Table 29. Output Signal State After RESET....................................180
Table 30. Register State After RESET .............................................181
Table 31. PWT Signal Generation .....................................................188
Table 32. PCD Signal Generation .....................................................189
Table 33. CACHE# Signal Generation..............................................189
Table 34. Data Cache States for Read and Write Accesses............198
Table 35. Cache States for Inquire Cycles, Snoops, Flushes,
and Invalidation .................................................................202
Table 36. Snoop Action ......................................................................203
Table 37. EWBEC Settings.................................................................207
Table 38. WC/UC Memory Type ........................................................209
Table 39. Valid Masks and Range Sizes ...........................................210
Table 40. Initial State of Registers in System Management Mode . 219
Table 41. SMM State-Save Area Map ...............................................219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More